Part Number Hot Search : 
I74F112D AD730 PFRA250 FDW9926 AD711 CLM4322N B89PV670 P6KE36
Product Description
Full Text Search
 

To Download SMBJ18CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SMBJ5.0 THRU SMBJ170CA
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
DO-214AA (SMBJ) (LEAD FRAME)
G
l For surface mount applicationsin or der to optimize boar d space l L ow pr ofil e package l Fast response time: typical less than 1.0ps from 0 volts to VBR minimum l Low inductance l Excellent clamping capability
Mechanical Data
l l l CASE: JEDEC DO-214AA Terminals: solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes posit ive end (cathode) except Bidirectional l Maximum soldering temperature: 260 C for 10 seconds
o
H
Maximum Ratings @ 25oC Unless Otherwise Specified Peak Pulse Current on IPP See Table 1 Note: 1 10/1000us waveform Peak Pulse Power PPP 600W Note: 1, Dissipation 2 Peak Forward Surge IFSM) 100A Note: 2 Current 3 o Operation And Storage TJ , TSTG -55 C to Temperature Range +150o C Thermal Resistance R 25o C/W
D
A
C
E B F
DIMENSIONS INCHES MIN .083 .075 .002 .006.030 .200 .160 .130 MM MIN 2.13 1.91 0.051 0.152 0.76 5.08 4.06 3.30
DIM A B C D E F G H
MAX .096 .083 .008 .012 .050 .220 .185 .155
MAX 2.44 2.11 0.203 0.305 1.27 5.59 4.70 3.94
NOTE
NOTES: 1. 2. 3. 4. Non-repetitive current pulse, per Fig.3 and derated above o TA=25 C per Fig.2. 2 Mounted on 5.0mm copper pads to each terminal. 8.3ms, single half sine wave duty cycle=4 pulses per. Minute maximum. Peak pulse current waveform is 10/1000us, with maximum duty Cycle of 0.01%.
SUGGESTED SOLDER PAD LAYOUT
0.106"
0.082"
0.050"
www.mccsemi.com
SMBJ5.0 THRU SMBJ170CA
PEAK PULSE POWER(pppm) OR CURRENT (Ipp)DERATING IN PERCENTAGE %
100
MCC
75
PPPM , PEAK PULSE POWER, KW
100 NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIGURE 3 TA = 25 J
10
50
1.0 MOUNTED ON 5.0mm 2 COPPER LAND AREAS 0.1 0.1 g s 1.0 g s 10 g s 100 g s 1.0ms 10ms
25
0 0 25 50 75 100 125 150 175 200
td, PULSE WIDTH, SEC
TA , AMBIENT TEMPERATURE, J
Fig. 1-PEAK PULSE POWER RATING CURVE
150
Fig. 2-PULSE DERATING CURVE
6,000
Ippm, PEAK PULSE CURRENT, %
TA = 25J tf = 10gsec Peak Value Ippm 100 Half Value-Ipp 2 Pulse Width(td) is Defined as the Point Where the Peak Current Decays to 50% of lpp
4,000 2,000 1,000 800 600 400 200 100 80 60 MEASURED AT STAND-OFF VOLTAGE(VMW) TJ = 25J f = 1.0MHz Vsig = 50mVp-p
MEASURED AT ZERO BIAS
50
10/1000 gsec Waveform as Defined by R.E.A. e-kt
0 0
td 1.0 2.0 3.0 4.0
CJ, CAPACITANCE, pF
40
t, TIME , ms
20
Fig. 3-PULSE WAVEFORM
200
10 1.0
2.0
10
20
100
200
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
100
TJ = TJ max 8.3ms SINGLE HALF SINCE-WAVE JEDEC METHOD
V(WM), REVERSE STAND-OFF VOLTAGE, VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
50
0 1 2 4 6 8 10 20 60 80 100
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
www.mccsemi.com
SMBJ5.0(A) thru SMBJ170(A)
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM
MCC
PEAK PULSE CURRENT IPP MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMBJ5.0 SMBJ5.0A SMBJ6.0 SMBJ6.0A SMBJ6.5 SMBJ6.5A SMBJ7.0 SMBJ7.0A SMBJ7.5 SMBJ7.5A SMBJ8.0 SMBJ8.0A SMBJ8.5 SMBJ8.5A SMBJ9.0 SMBJ9.0A SMBJ10 SMBJ10A SMBJ11 SMBJ11A SMBJ12 SMBJ12A SMBJ13 SMBJ13A SMBJ14 SMBJ14A SMBJ15 SMBJ15A SMBJ16 SMBJ16A SMBJ17 SMBJ17A SMBJ18 SMBJ18A SMBJ20 SMBJ20A SMBJ22 SMBJ22A SMBJ24 SMBJ24A SMBJ26 SMBJ26A
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1
62.5 65.2 52.6 58.3 48.7 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.8 22.3 24.0 20.8 23.1 19.7 21.7 18.6 20.5 16.7 18.5 15.2 16.9 14.0 15.4 12.4 14.2
800 800 800 800 500 500 200 200 100 100 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
KD KE KF KG KH KK KL KM KN KP KQ KR KS KT KU KV KW KX KY KZ LD LE LF LG LH LK LL LM LN LP LQ LR LS LT LU LV LW LX LY LZ MD ME
www.mccsemi.com
MCC
SMBJ5.0(A) thru SMBJ170(A)
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMBJ28 SMBJ28A SMBJ30 SMBJ30A SMBJ33 SMBJ33A SMBJ36 SMBJ36A SMBJ40 SMBJ40A SMBJ43 SMBJ43A SMBJ45 SMBJ45A SMBJ48 SMBJ48A SMBJ51 SMBJ51A SMBJ54 SMBJ54A SMBJ58 SMBJ58A SMBJ60 SMBJ60A SMBJ64 SMBJ64A SMBJ70 SMBJ70A SMBJ75 SMBJ75A SMBJ78 SMBJ78A SMBJ85 SMBJ85A SMBJ90 SMBJ90A SMBJ100 SMBJ100A SMBJ110 SMBJ110A SMBJ120 SMBJ120A
28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120
31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133
38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193
12.0 13.2 11.2 12.4 10.2 11.3 9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.7 6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 4.9 4.3 4.7 3.9 4.4 3.8 4.1 3.4 3.7 3.0 3.4 2.8 3.1
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
MF MG MH MK ML MM MN MP MQ MR MS MT MU MV MW MX MY MZ ND NE NF NG NH NK NL NM NN NP NQ NR NS NT NU NV NW NX NY NZ PD PE PF PG
www.mccsemi.com
MCC
SMBJ5.0(A) thru SMBJ170(A)
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMBJ130 SMBJ130A SMBJ150 SMBJ150A SMBJ160 SMBJ160A SMBJ170 SMBJ170A
130 130 150 150 160 160 170 170
144 144 167 167 178 178 189 189
176 159 204 185 218 197 231 209
1 1 1 1 1 1 1 1
231 209 268 243 287 259 304 275
2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2
5 5 5 5 5 5 5 5
PH PK PL PM PN PP PQ PR
www.mccsemi.com
SMBJ5.0C(A) thru SMBJ170C(A)
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM
MCC
PEAK PULSE CURRENT IPP MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMBJ5.0C SMBJ5.0CA SMBJ6.0C SMBJ6.0CA SMBJ6.5C SMBJ6.5CA SMBJ7.0C SMBJ7.0CA SMBJ7.5C SMBJ7.5CA SMBJ8.0C SMBJ8.0CA SMBJ8.5C SMBJ8.5CA SMBJ9.0C SMBJ9.0CA SMBJ10C SMBJ10CA SMBJ11C SMBJ11CA SMBJ12C SMBJ12CA SMBJ13C SMBJ13CA SMBJ14C SMBJ14CA SMBJ15C SMBJ15CA SMBJ16C SMBJ16CA SMBJ17C SMBJ17CA SMBJ18C SMBJ18CA SMBJ20C SMBJ20CA SMBJ22C SMBJ22CA SMBJ24C SMBJ24CA SMBJ26C SMBJ26CA
5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1
62.5 65.2 52.6 58.3 48.7 53.6 45.1 50.0 42.0 46.5 40.0 44.1 37.7 41.7 35.5 39.0 31.9 35.3 29.9 33.0 27.3 30.2 25.2 27.9 23.3 25.8 22.3 24.0 20.8 23.1 19.7 21.7 18.6 20.5 16.7 18.5 15.2 16.9 14.0 15.4 12.4 14.2
1600 1600 1600 1600 1000 1000 400 400 200 200 100 100 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
AD AE AF AG AH AK AL AM AN AP AQ AR AS AT AU AV AW AX AY AZ BD BE BF BG BH BK BL BM BN BP BQ BR BS BT BU BV BW BX BY BZ CD CE
www.mccsemi.com
MCC
SMBJ5.0C(A) thru SMBJ170C(A)
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMBJ28C SMBJ28CA SMBJ30C SMBJ30CA SMBJ33C SMBJ33CA SMBJ36C SMBJ36CA SMBJ40C SMBJ40CA SMBJ43C SMBJ43CA SMBJ45C SMBJ45CA SMBJ48C SMBJ48CA SMBJ51C SMBJ51CA SMBJ54C SMBJ54CA SMBJ58C SMBJ58CA SMBJ60C SMBJ60CA SMBJ64C SMBJ64CA SMBJ70C SMBJ70CA SMBJ75C SMBJ75CA SMBJ78C SMBJ78CA SMBJ85C SMBJ85CA SMBJ90C SMBJ90CA SMBJ100C SMBJ100CA SMBJ110C SMBJ110CA SMBJ120C SMBJ120CA
28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120
31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133
38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 163 147
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193
12.0 13.2 11.2 12.4 10.2 11.3 9.3 10.3 8.4 9.3 7.8 8.6 7.5 8.3 7.0 7.7 6.6 7.3 6.2 6.9 5.8 6.4 5.6 6.2 5.3 5.8 4.8 5.3 4.5 4.9 4.3 4.7 3.9 4.4 3.8 4.1 3.4 3.7 3.0 3.4 2.8 3.1
5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
CF CG CH CK CL CM CN CP CQ CR CS CT CU CV CW CX CY CZ DD DE DF DG DH DK DL DM DN DP DQ DR DS DT DU DV DW DX DY DZ ED EE EF EG
www.mccsemi.com
MCC
SMBJ5.0C(A) thru SMBJ170C(A)
Electrical Characteristics @ 25oC Unless Otherwise Specified
REVERSE STAND-OFF VOLTAGE V WM MAXIMUM REVERSE LEAKAGE @V WM ID
MCC PART NUMBER
BREAKDOWN VOLTAGE V (BR) @IT (VOLTS)
MAXIMUM CLAMPING VOLTAGE@IPP
PEAK PULSE CURRENT IPP
VOLTS
MIN
MAX
IT(mA)
VOLTS
(AMPS)
(uA)
MARKING CODE
SMBJ130C SMBJ130CA SMBJ150C SMBJ150CA SMBJ160C SMBJ160CA SMBJ170C SMBJ170CA
130 130 150 150 160 160 170 170
144 144 167 167 178 178 189 189
176 159 204 185 218 197 231 209
1 1 1 1 1 1 1 1
231 209 268 243 287 259 304 275
2.6 2.9 2.2 2.5 2.1 2.3 2.0 2.2
5 5 5 5 5 5 5 5
EH EK EL EM EN EP EQ ER
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SMBJ18CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X